Part Number Hot Search : 
60033 82001 UTI760A 60033 HER3001 2SC2020 TORX179 TDA1412
Product Description
Full Text Search
 

To Download 15KA30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KA6.8 THRU 1.5KA43A
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 43 Volts
Case Style 1.5KA
Peak Pulse Power - 1500 Watts
FEATURES
P A T E
1.0 (25.4) MIN. 0.210 (5.3) 0.190 (4.8) DIA. 0.375 (9.5) 0.285 (7.2)
1.0 (25.4) MIN. 0.042 (1.07) 0.038 (0.96) DIA.
Designed for under the hood applications Plastic package has Underwriters Laboratory Flammability Classification 94V-0 1500W peak pulse power surge capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Exclusive patented PARTM oxide passivated chip construction Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0 ps from 0 Volts to V(BR) for uni-directional For devices with V(BR)10V ID are typically less than 1.0A at TA=150C High temperature soldering guaranteed: 300C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
N
T E
D
*
MECHANICAL DATA
Dimensions in inches and (millimeters)
*Patent #'s
4,980,315 5,166,769 5,278,094
Available in uni-directional only
Case: Molded plastic over passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Mounting Position: Any Weight: 0.045 ounce, 1.2 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform
(NOTE 1, FIG. 1)
PPPM IPPM
Minimum 1500
SEE TABLE 1
Watts Amps
Peak pulse current at TA=25C with a 10/1000s waveform
(NOTE 1, FIG. 3)
Steady state power dissipation at TL=75C lead lengths 0.375" (9.5mm) (NOTE 2) Peak forward surge current, 8.3ms single half Sine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Maximum instantaneous forward voltage at 100A (NOTE 3) Operating junction and storage temperature range
PM(AV) IFSM VF TJ, TSTG
5.0 200 3.5 -65 to +185
Watts Amps Volts C
NOTES: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25C per Fig. 2 (2) Mounted on copper pad area of 0.8 x 0.8" (20 x 20mm) per Fig. 5 (3) 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minutes maximum
1/27/99
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Breakdown Voltage V(BR) Volts (NOTE 1) Device Type MIN MAX Maximum Reverse Leakage at VWM ID (A) TJ=150C Maximum Reverse Leakage at VWM ID (A) Peak Pulse Current IPPM
(NOTE 2)
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
(Amps)
Maximum Clamping Voltage at lPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
1.5KA6.8 1.5KA6.8A 1.5KA7.5 1.5KA7.5A 1.5KA8.2 1.5KA8.2A 1.5KA9.1 1.5KA9.1A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA12 1.5KA12A 1.5KA13 1.5KA13A 1.5KA15 1.5KA15A 1.5KA16 1.5KA16A 1.5KA18
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.3 15.8 17.6 16.8 19.8
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5
1000 1000 500 500 200 200 50 50 20 20 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
10000 10000 5000 5000 2000 2000 500 500 200 200 50 50 10 10 10 10 10 10 10 10 10
139 143 128 133 120 124 109 112 100 103 92.6 96.2 86.7 89.8 78.9 82.4 68.2 70.8 63.8 66.7 56.6
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.076 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1 (Cont'd)
Breakdown Voltage V(BR) Volts (NOTE 1) Device Type MIN MAX Maximum Reverse Leakage at VWM ID (A) TJ=150C Maximum Reverse Leakage at VWM ID (A) Peak Pulse Current IPPM
(NOTE 2)
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
(Amps)
Maximum Clamping Voltage at lPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
1.5KA18A 1.5KA20 1.5KA20A 1.5KA22 1.5KA22A 1.5KA24 1.5KA24A 1.5KA27 1.5KA27A 1.5KA30 1.5KA30A 1.5KA33 1.5KA33A 1.5KA36 1.5KA36A 1.5KA39 1.5KA39A 1.5KA43 1.5KA43A
17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9
18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8
2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
59.5 51.5 54.2 47.0 49.0 43.2 45.2 38.4 40.0 34.5 36.2 31.4 32.8 28.8 30.1 26.6 27.8 24.2 25.3
25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101
NOTES: (1) V(BR) measured after IT applied for 300s = square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35
RATINGS AND CHARACTERISTIC CURVES 1.5KA6.8 THRU 1.5KA43A
FIG. 1 - PEAK PULSE POWER RATING CURVE FIG. 2 - PULSE DERATING CURVE
100
PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, % PPPM, PEAK PULSE POWER, kW
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25C
100
10
75
50
1.0
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
td, PULSE WIDTH, sec.
0 0 25 50 75 100 125 150 175 200
TA, AMBIENT TEMPERATURE, C FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
FIG. 3 - PULSE WAVEFORM
20,000 10,000
TJ=25C f=1.0 MHZ VSIG=50mVP-P MEASURED at ZERO BIAS
150
tr=10sec. PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
IPPM PEAK PULSE CURRENT, %
PEAK VALUE IPPM
HALF VALUE - IPP 2 10/1000sec. WAVEFORM as DEFINED by R.E.A.
CJ, CAPACITANCE , pF
100
50
1,000
MEASURED at STAND-OFF VOLTAGE, VWM
td
0
0
1.0
2.0
t, TIME, ms
3.0
4.0 100 1.0
2
10
20
50
100
V(BR), BREAKDOWN VOLTAGE, VOLTS FIG. 5 - STEADY STATE POWER DERATING CURVE PM(AV), STEADY STATE POWER DISSIPATION, WATTS
5.0
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
L
3.75
=0.375" (9.5mm) LEAD LENGTHS
60 HZ RESISTIVE OR INDUCTIVE LOAD
200
TL=75C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
100 50
2.5
0.8 x 0.8 x 0.040" (20 x 20 x 1mm) COPPER HEAT SINKS
1.25
0
0
25
50
75
100
125
150
175
200
10
1
10
NUMBER OF CYCLES AT 60 HZ
100
TL, LEAD TEMPERATURE,C


▲Up To Search▲   

 
Price & Availability of 15KA30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X